PART |
Description |
Maker |
DBTC-6-4-75 DBTC-75OHMSSERIES DBTC-10-4-75 DBTC-13 |
Circular Connector; Body Material:Aluminum; Series:PT01; No. of Contacts:15; Connector Shell Size:14; Connecting Termination:Solder; Circular Shell Style:Cable Receptacle; Circular Contact Gender:Pin; Insert Arrangement:14-15 Surface Mount Directional Couplers 表面贴装定向耦合 Surface Mount Directional Couplers 5 MHz - 1000 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 2.2 dB INSERTION LOSS-MAX Surface Mount Directional Couplers 5 MHz - 1500 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 2.2 dB INSERTION LOSS-MAX Surface Mount Directional Couplers 5 MHz - 1500 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 2 dB INSERTION LOSS-MAX Surface Mount Directional Couplers 5 MHz - 1250 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 3.1 dB INSERTION LOSS-MAX
|
http:// MINI[Mini-Circuits]
|
DC15-73LF |
Directional Coupler 1.42-1.66 GHz 1420 MHz - 1660 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 0.3 dB INSERTION LOSS-MAX
|
Skyworks Solutions, Inc.
|
ZNDC-13-2G |
TV 39C 37#20 2#16 SKT WALL REC 800 MHz - 2000 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 1.3 dB INSERTION LOSS-MAX Directional Coupler 50з 13dB 800 to 2000 MHz Directional Coupler 50 13dB 800 to 2000 MHz
|
MINI[Mini-Circuits]
|
2450CP14A100 2450CP14A100S/PB |
2450 MHz Directional Coupler 2400 MHz - 2500 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 0.74 dB INSERTION LOSS-MAX
|
Johanson Technology Inc.
|
JDC-10-2 |
Directional Coupler 50Ω 5 to 750 MHz Directional Coupler 50惟 5 to 750 MHz Directional Coupler 50ヘ 5 to 750 MHz
|
Mini-Circuits
|
DC08-73 |
Directional Coupler 0.81-0.96 GHz Directional Coupler 0.81?.96 GHz Directional Coupler 0.81-0.96 GHz 定向耦合.81-0.96千兆
|
Alpha Industries Inc ALPHA[Alpha Industries] Alpha Industries, Inc.
|
CBF-11A-1250 CBF-20A-1250 CBF-10A-375 CBF-20A-375 |
5 MHz - 750 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 1 dB INSERTION LOSS-MAX 100 MHz - 2000 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 1.5 dB INSERTION LOSS-MAX 3-PORT DIRECTIONAL COUPLERS 5 MHz - 750 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 1.3 dB INSERTION LOSS-MAX
|
MERRIMAC INDUSTRIES INC http:// Merrimac Industries, Inc.
|
CHP-6018-D-40-30-FM CHP-6018-S-40-MM CHP-2080-D-40 |
6000 MHz - 18000 MHz RF/MICROWAVE BI-DIRECTIONAL COUPLER, 0.35 dB INSERTION LOSS-MAX 6000 MHz - 18000 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 0.35 dB INSERTION LOSS-MAX 2000 MHz - 8000 MHz RF/MICROWAVE BI-DIRECTIONAL COUPLER, 0.2 dB INSERTION LOSS-MAX 1000 MHz - 4000 MHz RF/MICROWAVE BI-DIRECTIONAL COUPLER, 0.15 dB INSERTION LOSS-MAX
|
RLC ELECTRONICS INC
|
TCD-10-4-75 |
Directional Coupler 75楼? 5 to 1000 MHz Directional Coupler 75Ω 5 to 1000 MHz
|
Mini-Circuits
|
LRDC-10-2W-75 |
Directional Coupler 75楼? 30 to 1200 MHz Directional Coupler 75Ω 30 to 1200 MHz
|
Mini-Circuits http://
|
LRDC-10-1 |
Directional Coupler 50Ω 5 to 500 MHz Directional Coupler 50ヘ 5 to 500 MHz
|
Mini-Circuits
|